Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 4Page - NXP Semiconductors PCF2127 Datasheet HTML 5Page - NXP Semiconductors PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors PCF2127 Datasheet HTML 11Page - NXP Semiconductors PCF2127 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 5.
Register overview
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as T must always be written with logic 0. Bits labeled as X are undefined at
power-on and unchanged by subsequent resets.
Address
Register name
Bit
Reset value
Reference
7
6
5
4
3
2
1
0
Control registers
00h
Control_1
EXT_
TEST
TSTOP
TSF1
POR_
OVRD
12_24
MI
SI
0000 1000
Table 7 on page 10
01h
Control_2
MSF
WDTF
TSF2
AF
CDTF
TSIE
AIE
CDTIE
0000 0000
Table 9 on page 11
02h
Control_3
PWRMNG[2:0]
BTSE
BF
BLF
BIE
BLIE
0000 0000
Table 11 on page 12
Time and date registers
03h
Seconds
OSF
SECONDS (0 to 59)
1XXX XXXX
Table 28 on page 30
04h
Minutes
-
MINUTES (0 to 59)
- XXX XXXX
Table 31 on page 31
05h
Hours
-
-
AMPM
HOURS (1 to 12) in 12-hour mode
- - XX XXXX
Table 33 on page 32
HOURS (0 to 23) in 24-hour mode
- - XX XXXX
06h
Days
-
-
DAYS (1 to 31)
- - XX XXXX
Table 35 on page 32
07h
Weekdays
----
-
WEEKDAYS (0 to 6)
- - - - - XXX
Table 37 on page 33
08h
Months
-
-
-
MONTHS (1 to 12)
- - - X XXXX
Table 40 on page 34
09h
Years
YEARS (0 to 99)
XXXX XXXX
Table 43 on page 35
Alarm registers
0Ah
Second_alarm
AE_S
SECOND_ALARM (0 to 59)
1XXX XXXX
Table 45 on page 38
0Bh
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
1XXX XXXX
Table 47 on page 38
0Ch
Hour_alarm
AE_H
-
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
1 - XX XXXX
Table 49 on page 39
HOUR_ALARM (0 to 23) in 24-hour mode
1 - XX XXXX
0Dh
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
1 - XX XXXX
Table 51 on page 39
0Eh
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
1 - - - - XXX
Table 53 on page 40
CLKOUT control register
0Fh
CLKOUT_ctl
TCR[1:0]
OTPR
-
-
COF[2:0]
00X - - 000
Table 13 on page 12
watchdog registers
10h
Watchdg_tim_ctl
WD_CD[1:0]
TI_TP
-
-
-
TF[1:0]
000 - - - 11
Table 55 on page 41
11h
Watchdg_tim_val
WATCHDG_TIM_VAL[7:0]
XXXX XXXX
Table 57 on page 42
Timestamp registers
12h
Timestp_ctl
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
00 - X XXXX
Table 68 on page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com