Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD25-2R2 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 3 Page - Monolithic Power Systems

  SD25-2R2 Datasheet HTML 1Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 2Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 3Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 4Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 5Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 6Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 7Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
3
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ= −40°C to +125°C, unless otherwise noted. Typical values are at TJ = 25°C.
Parameter
Symbol Condition
Min
Typ
Max
Units
Output Voltage
MPQ2451-5
VOUT
6V < VIN < 36V
4.8
5
5.2
V
6V < VIN < 36V,
TJ= 25°C
4.85
5
5.15
MPQ2451-33
3.3V < VIN < 36V
3.168
3.3
3.432
V
3.3V < VIN <
36V, TJ= 25°C
3.2
3.3
3.4
Upper Switch-On Resistance
RDS(ON)
VBST−VSW=5V
TJ= 25°C
500
mΩ
Upper Switch Leakage
VEN = 0V, VSW =
0V
0.5
2
μA
Current Limit
ILIM
TJ= 25°C
0.75
1
A
TJ =-40°C to
+125°C
0.65
COMP to Current Sense
Transconductance
(5)
GCS
3
A/V
VIN UVLO, Upper Threshold
2.7
3.29
V
VIN UVLO, Hysteresis
0.4
V
Soft-Start Time
0.5
1
ms
Oscillator Frequency
fSW
1.8
2.2
2.6
MHz
Minimum Switch-On Time
(5)
τ
ON
80
ns
Shutdown Supply Current
IS
VEN < 0.3V
1
μA
Quiescent Supply Current
IQ
No load,
no switching
130
170
µA
Thermal Shutdown
(5)
150
°C
Enable Threshold, High
VIH
Low-to-High
1.35
1.5
1.8
V
Enable Threshold, Hysteresis
400
mV
Notes:
5) Derived from bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com