Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD25-2R2 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button SD25-2R2 Datasheet HTML 10Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 11Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 12Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 13Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 14Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 15Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 16Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 17Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
14
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 1: Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (
Ω) Current Rating (A)
Dimensions
L × W × H (mm
3)
Wurth Electronics
7440430022
2.2
0.028
2.5
4.8×4.8×2.8
744043003
3.3
0.035
2.15
4.8×4.8×2.8
7447785004
4.7
0.078
2.4
5.9×6.2×3.2
TOKO
D63CB-#A916CY-2R0M
2.0
0.019
2.36
6.2×6.3×3.0
D62CB-#A916CY-3R3M
3.3
0.026
2.17
6.2×6.3×3.0
D62CB-#A916CY-4R7M
4.7
0.032
2.1
6.2×6.3×3.0
TDK
LTF5022T-2R2N3R2
2.2
0.04
3.2
5.2×5.0×2.2
LTF5022T-3R3N2R5
3.3
0.06
2.5
5.2×5.0×2.2
LTF5022T-4R7N2R0
4.7
0.081
2.0
5.2×5.0×2.2
COOPER BUSSMANN
SD25-2R2
2.2
0.031
2.8
5.2×5.2×2.5
SD25-3R3
3.3
0.038
2.21
5.2×5.2×2.5
SD25-4R7
4.7
0.047
1.83
5.2×5.2×2.5
The input capacitor (C1) can be electrolytic,
tantalum or ceramic. When using electrolytic or
tantalum capacitors, add a small, high quality
ceramic capacitor
—for example, 0.1μF—as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide
sufficient
charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:


IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. Low
ESR capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:




2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For ceramic capacitors, the impedance at the
switching
frequency
is
dominated
by
the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:


IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
For tantalum or electrolytic capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency. For simplification, the output ripple
can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV


The characteristics of the output capacitor also
affect the stability of the regulation system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com