Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD25-2R2 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 1 Page - Monolithic Power Systems

  SD25-2R2 Datasheet HTML 1Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 2Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 3Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 4Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 5Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 6Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 7Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MPQ2451-5/33-AEC1
36V, 2.2MHz, 0.6A, Step-Down Converter
AEC-Q100 Qualified
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
1
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2451-5/33 is a high-frequency, step-
down, switching regulator with an integrated,
high-voltage,
high-side
power
MOSFET.
It
efficiently outputs up to 0.6A, with current-mode
control for fast loop response.
The wide 3.3V-to-36V input range accommodates
a variety of automotive step-down applications,
and the 3
μA shutdown-mode quiescent current
allows use in battery-powered applications.
The
MPQ2451-5/33
achieves
high
power-
conversion efficiency over a wide load range by
scaling down the switching frequency under
light-load conditions to reduce switching and
gate driving losses.
Frequency fold-back prevents inductor current
runaway during start-up. Thermal shutdown
provides reliable, fault-tolerant operation.
The MPQ2451-5/33 is available in cost-effective
SOT23-6L and QFN-6L packages.
FEATURES
 Guaranteed Industrial/Automotive Temp.
Ranges
 130μA Operating Quiescent Current
 Wide 3.3V-to-36V Operating Input Range
 500mΩ Internal Power MOSFET
 2.2MHz Fixed Switching Frequency
 Internally Compensated
 Stable with Ceramic Output Capacitors
 Internal Soft-Start
 Precision Current Limit Without Current
Sensing Resistor
 >90% Efficiency
 Fixed 5V & 3.3V Outputs
 6-Lead SOT23 and QFN Packages
 Available in AEC-Q100 Grade 1
APPLICATIONS
 High-Voltage Power Conversion, Including
o
Automotive Systems
o
Industrial Power Systems
o
Distributed Power Systems
o
Battery-Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - SD25-2R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD25-2R2 ETC1-SD25-2R2 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-2R2-R COOPER-SD25-2R2-R Datasheet
372Kb / 4P
Switching Regulators
SD25-2R2-R COOPER-SD25-2R2-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD25-2R2-R COOPER-SD25-2R2-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD25-2R2-R EATON-SD25-2R2-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
More results

Similar Description - SD25-2R2

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4415M MPS-MPQ4415M Datasheet
1Mb / 22P
1.5A, 36V, 2.2MHz, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com