Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD25-2R2 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 4 Page - Monolithic Power Systems

  SD25-2R2 Datasheet HTML 1Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 2Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 3Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 4Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 5Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 6Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 7Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
4
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
SOT23-6L
Pin #
QFN-6L
Pin #
Name
Description
1
6
BST
Bootstrap. Positive power supply for the internal, floating, high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW
pin.
2
5
GND
Ground. Connect the output capacitor as close to this pin as possible.
Avoid routing near high-current switch paths.
3
4
OUT
Output-Voltage Sense. Connected to the tap of an internal resistor divider
to set the output voltage.
4
3
EN
Enable. Pull this pin below the specified threshold to shut the chip down.
Pull it above the specified threshold to enable the chip. Float this pin to
disable the chip.
5
2
VIN
Input Supply. Supplies power to all internal control circuitry. Requires a
decoupling capacitor to ground to reduce switching spikes.
6
1
SW
Switch Node. Output of the high-side switch. Requires a low-VF Schottky
diode connected to ground to reduce switching spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com