Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD25-2R2 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 10Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 11Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 12Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 13Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 14Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 15Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
12
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Thermal Shutdown
Thermal shutdown prevents thermal runaway.
When the silicon die temperature exceeds its
upper threshold, the entire chip shuts down.
When the temperature drops below its lower
threshold, the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating-power-MOSFET
driver.
This
floating
driver has its own UVLO protection with a rising
threshold of about 2.4V and a falling threshold of
about 300mV. During this UVLO, VSS resets to
0V. When the UVLO is removed, the controller
enters soft-start.
The
dedicated
internal-bootstrap
regulator
charges and regulates the bootstrap capacitor to
about 5V. When the voltage between the BST
and SW nodes falls below its regulation, a PMOS
pass transistor connected from VIN to BST turns
on. The charging current path goes from VIN→
BST → SW. The external circuit must provide
enough voltage headroom to facilitate charging.
If VIN is sufficiently higher than VSW, the bootstrap
capacitor will charge. When the power MOSFET
is ON, VIN=VSW so the bootstrap capacitor does
not
charge. Optimal charging occurs when
VIN−VSW reaches its apex when the external
freewheeling diode is on. When there is no
current in the inductor, VSW=VOUT so VIN−VOUT can
charge the bootstrap capacitor.
At a higher duty cycle, the bootstrap capacitor
may not be charged sufficiently because of a
shorter charging period. If there is insufficient
voltage
and
time
to
charge
the
bootstrap
capacitor, add an extra external circuit to ensure
the bootstrap voltage in normal operation region.
The floating driver’s UVLO is not communicated
to the controller.
Make sure the bleed-through current at the SW
node is at least higher than
the floating driver’s
DC quiescent current of about 20µA.
Current Comparator and Current Limit
A current-sense MOSFET senses the power
MOSFET current. This value is the input to the
high-speed-current comparator for current-mode
control. When the power MOSFET turns on, the
comparator is first blanked to limit noise, and
then compares the power switch current to the
VCOMP. When the sensed value exceeds VCOMP,
the comparator output goes LOW to turn off the
power MOSFET. The maximum current of the
internal power MOSFET is internally limited
cycle-by-cycle.
Startup and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts. The reference block
starts first to generate a stable reference voltage
and current, and then the internal regulator
operates to provide a stable supply for the rest
circuit.
While the internal supply rail is up, an internal
timer turns the power MOSFET off for about 50µs
to blank startup noise. When the internal soft-
start block is enabled, it first holds its SS output
low to ensure the rest of the circuit is ready
before ramping up.
Three events shut down the chip: EN low, VIN low,
thermal
shutdown.
During
shutdown,
the
signaling path is blocked first to avoid any fault
triggering. VCOMP and the internal supply rail are
then pulled low. The floating driver is not subject
to this shutdown command but its charging path
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com