Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5507ZAY Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 49Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 50Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 51Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 52Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 53Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 54Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 55Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 56Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
Functional Overview
53
April 2004 − Revised January 2008
SPRS244J
Table 3−19. CPU Memory-Mapped Registers (Continued)
C55x
REGISTER
BIT FIELD
DESCRIPTION
WORD ADDRESS
(HEX)
C54x
REGISTER
CDP
−
27
Coefficient Data Pointer
[15−0]
AC3L
−
28
Accumulator 3
[15−0]
AC3H
−
29
[31−16]
AC3G
−
2A
[39−32]
DPH
−
2B
Extended Data Page Pointer
[6−0]
MDP05
−
2C
Reserved
[6−0]
MDP67
−
2D
Reserved
[6−0]
DP
−
2E
Memory Data Page Start Address
[15−0]
PDP
−
2F
Peripheral Data Page Start Address
[8−0]
BK47
−
30
Circular Buffer Size Register for AR[4−7]
[15−0]
BKC
−
31
Circular Buffer Size Register for CDP
[15−0]
BSA01
−
32
Circular Buffer Start Address Register for AR[0−1]
[15−0]
BSA23
−
33
Circular Buffer Start Address Register for AR[2−3]
[15−0]
BSA45
−
34
Circular Buffer Start Address Register for AR[4−5]
[15−0]
BSA67
−
35
Circular Buffer Start Address Register for AR[6−7]
[15−0]
BSAC
−
36
Circular Buffer Coefficient Start Address Register
[15−0]
BIOS
−
37
Data Page Pointer Storage Location for 128-word Data Table
[15−0]
TRN1
−
38
Transition Register 1
[15−0]
BRC1
−
39
Block Repeat Counter 1
[15−0]
BRS1
−
3A
Block Repeat Save 1
[15−0]
CSR
−
3B
Computed Single Repeat
[15−0]
RSA0H
−
3C
Repeat Start Address 0
[23−16]
RSA0L
−
3D
[15−0]
REA0H
−
3E
Repeat End Address 0
[23−16]
REA0L
−
3F
[15−0]
RSA1H
−
40
Repeat Start Address 1
[23−16]
RSA1L
−
41
[15−0]
REA1H
−
42
Repeat End Address 1
[23−16]
REA1L
−
43
[15−0]
RPTC
−
44
Repeat Counter
[15−0]
IER1
−
45
Interrupt Enable Register 1
[15−0]
IFR1
−
46
Interrupt Flag Register 1
[15−0]
DBIER0
−
47
Debug IER0
[15−0]
DBIER1
−
48
Debug IER1
[15−0]
IVPD
−
49
Interrupt Vector Pointer DSP
[15−0]
IVPH
−
4A
Interrupt Vector Pointer HOST
[15−0]
ST2_55
−
4B
Status Register 2 for C55x
[15−0]
SSP
−
4C
System Stack Pointer
[15−0]
SP
−
4D
User Stack Pointer
[15−0]
SPH
−
4E
Extended Data Page Pointer for the SP and the SSP
[6−0]
CDPH
−
4F
Main Data Page Pointer for the CDP
[6−0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com