Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5507ZAY Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 72Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 73Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 74Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 75Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 76Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 77Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 78Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 79Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
Electrical Specifications
76
April 2004 − Revised January 2008
SPRS244J
5.2.2 Recommended Operating Conditions for CVDD = 1.35 V (144 MHz)
MIN
NOM
MAX
UNIT
Core
CVDD
Device supply voltage
1.28
1.35
1.42
V
Peripherals
RCVDD
RTC module supply voltage, core
1.28
1.35
1.42
V
RDVDD
RTC module supply voltage, I/O (RTCINX1 and RTCINX2)
1.28
1.35
1.42
V
USBPLLVDD
USBPLL supply voltage†
1.28
1.35
1.42
V
USBVDD
USB module supply voltage, I/O (DP, DN, and PU)
3
3.3
3.6
V
DVDD
Device supply voltage, I/O (except DP, DN, PU, SDA, SCL)‡
2.7
3.3
3.6
V
ADVDD
A/D module digital supply voltage
2.7
3.3
3.6
V
AVDD
A/D module analog supply voltage
2.7
3.3
3.6
V
Grounds
VSS
Supply voltage, GND, I/O, and core
0
V
ADVSS
Supply voltage, GND, A/D module, digital
0
V
AVSS
Supply voltage, GND, A/D module, analog
0
V
USBPLLVSS
Supply voltage, GND, USBPLL
0
V
DN and DP§
2.0
VIH
High-level input voltage, I/O
SDA & SCL: VDD related input
levels‡
0.7*DVDD
DVDD(max) +0.5
V
VIH
High-level input voltage, I/O
All other inputs
(including hysteresis inputs)
2.0
DVDD + 0.3
V
DN and DP§
0.8
VIL
Low-level input voltage, I/O
SDA &SCL: VDD related input
levels‡
−0.5
0.3 * DVDD
V
VIL
Low-level input voltage, I/O
All other inputs
(including hysteresis inputs)
−0.3
0.8
V
Vhys
Hysteresis level
Inputs with hysteresis only
0.1*DVDD
V
IOH
High-level output current
DN and DP§ (VOH = 2.45 V)
−17.0
mA
IOH
High-level output current
All other outputs
−4
mA
DN and DP§ (VOL = 0.36 V)
17.0
IOL
Low-level output current
SDA and SCL‡
3
mA
IOL
Low-level output current
All other outputs
4
mA
TC
Operating case temperature
−40
85
_C
† USB PLL is susceptible to power supply ripple. The maximum allowable supply ripple is 1% for 1 Hz to 5 kHz; 1.5% for 5 kHz to 10 MHz; 3%
for 10 MHz to 100 MHz, and less than 5% for 100 MHz or greater.
‡ The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered down.
Due to the fact that different voltage devices can be connected to the I2C bus, the level of logic 0 (low) and logic 1 (high) are not fixed and
depends on the associated VDD.
§ USB I/O pins DP and DN can tolerate a short circuit at D+ and D− to 0 V or 5 V, as long as the recommended series resistors (see Figure 5−40)
are connected between the D+ and DP (package), and the D− and DN (package). Do not apply a short circuit to the USB I/O pins DP and DN
in absence of the series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com