Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5507ZAY Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 59Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 60Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 61Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 62Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 63Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 64Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 65Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 66Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 139 page
background image
Functional Overview
63
April 2004 − Revised January 2008
SPRS244J
Table 3−29. GPIO (Continued)
WORD
ADDRESS
RESET VALUE†
DESCRIPTION
PIN
REGISTER
NAME
0x4404
EHPIGPIODIR[5:0]
GPIO[13:8]
EHPI/GPIO Direction Register
0000 0000 0000 0000
0x4405
EHPIGPIODATA[5:0]
GPIO[13:8]
EHPI/GPIO Data Register
0000 0000 00xx xxxx
† Hardware reset; x denotes a “don’t care.”
Table 3−30. Device Revision ID
WORD ADDRESS
REGISTER NAME
DESCRIPTION
VALUE‡
0x3803
Rev ID[4:1]
Silicon Revision Identification
Rev. 1.0: xxxx xxxx xxx0 001x
‡ x denotes a “don’t care.”
Table 3−31. I2C Module Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x3C00
I2COAR[9:0]§
I2C Own Address Register
0000 0000 0000 0000
0x3C01
I2CIER
I2C Interrupt Enable Register
0000 0000 0000 0000
0x3C02
I2CSTR
I2C Status Register
0000 0001 0000 0000
0x3C03
I2CCLKL[15:0]
I2C Clock Divider Low Register
0000 0000 0000 0000
0x3C04
I2CCLKH[15:0]
I2C Clock Divider High Register
0000 0000 0000 0000
0x3C05
I2CCNT[15:0]
I2C Data Count
0000 0000 0000 0000
0x3C06
I2CDRR[7:0]
I2C Data Receive Register
0000 0000 0000 0000
0x3C07
I2CSAR[9:0]
I2C Slave Address Register
0000 0011 1111 1111
0x3C08
I2CDXR[7:0]
I2C Data Transmit Register
0000 0000 0000 0000
0x3C09
I2CMDR[14:0]
I2C Mode Register
0000 0000 0000 0000
0x3C0A
I2CISRC
I2C Interrupt Source Register
0000 0000 0000 0000
0x3C0B
−
Reserved
0x3C0C
I2CPSC
I2C Prescaler Register
0000 0000 0000 0000
0x3C0D
−
Reserved
0x3C0E
−
Reserved
0x3C0F
I2CMDR2
I2C Mode Register 2
0000 0000 0000 0000
−
I2CRSR
I2C Receive Shift Register (not accessible to the CPU)
−
I2CXSR
I2C Transmit Shift Register (not accessible to the CPU)
† Hardware reset; x denotes a “don’t care.”
§ This register must be set by the user. The user may program the I2C’s own address to any value, as long as the value does not conflict with
the I2C addresses of other components connected to the I2C bus.
NOTE: I2C protocol compatible, no fail-safe buffer.
Table 3−32. Watchdog Timer Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x4000
WDTIM[15:0]
WD Timer Counter Register
1111 1111 1111 1111
0x4001
WDPRD[15:0]
WD Timer Period Register
1111 1111 1111 1111
0x4002
WDTCR[13:0]
WD Timer Control Register
0000 0011 1100 1111
0x4003
WDTCR2[15:0]
WD Timer Control Register 2
0001 0000 0000 0000
† Hardware reset; x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com