Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5507ZAY Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 75Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 76Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 77Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 78Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 79Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 80Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 81Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 82Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 139 page
background image
Electrical Specifications
79
April 2004 − Revised January 2008
SPRS244J
5.3.2 Electrical Characteristics Over Recommended Operating Case Temperature
Range for CVDD = 1.35 V (144 MHz) (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DN and DP†
USBVDD = 3.0 V−3.6 V,
IOH = −300 µA
2.8
USBVDD
VOH
High-level output voltage
PU
USBVDD = 3.0 V−3.6 V,
IOH = −300 µA
0.9 * USBVDD
USBVDD
V
All other outputs
DVDD = 2.7 V−3.6 V,
IOH = MAX
0.75 * DVDD
SDA & SCL‡
At 3 mA sink current
0
0.4
VOL
Low-level output voltage
DN and DP†
IOL = 3.0 mA
0.3
V
VOL
Low-level output voltage
All other outputs
IOL = MAX
0.4
V
IIZ
Input current for outputs in
high-impedance
Output-only or
I/O pins with bus
keepers (enabled)
DVDD = MAX,
VO = VSS to DVDD
−300
300
µA
IIZ
Input current for outputs in
high-impedance
All other output-only
or I/O pins
DVDD = MAX
VO = VSS to DVDD
−5
5
µA
Input pins with
internal pulldown
(enabled)
DVDD = MAX,
VI = VSS to DVDD
30
300
II
Input current
Input pins with
internal pullup
(enabled)
DVDD = MAX,
VI = VSS to DVDD
−300
−30
µA
II
Input current
X2/CLKIN
DVDD = MAX,
VI = VSS to DVDD
−50
50
µA
All other input-only
pins
DVDD = MAX,
VI = VSS to DVDD
−5
5
IDDC
CVDD Supply current, CPU + internal memory access§
CVDD = 1.35 V
CPU clock = 144 MHz
TC = 25_C
0.51
mA/
MHz
IDDP
DVDD supply current, pins active¶
DVDD = 3.3 V
CPU clock = 144 MHz
TC = 25_C
5.5
mA
IDDC
CVDD supply current, standby#
Oscillator disabled.
All domains in
low-power state
CVDD = 1.35 V
TC = 25_C
(Nominal process)
125
µA
IDDP
DVDD supply current, standby
Oscillator disabled.
All domains in
low-power state.
DVDD = 3.3 V
No I/O activity
TC = 25_C
10
µA
Ci
Input capacitance
3
pF
Co
Output capacitance
3
pF
† USB I/O pins DP and DN can tolerate a short circuit at D+ and D− to 0 V or 5 V, as long as the recommended series resistors (see Figure 5−40)
are connected between the D+ and DP (package), and the D− and DN (package). Do not apply a short circuit to the USB I/O pins DP and
DN in absence of the series resistors.
‡ The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered down.
§ CPU executing 75% Dual MAC + 25% ADD with moderate data bus activity (table of sine values). CPU and CLKGEN (DPLL) domain are active.
All other domains are idled.
¶ One word of a table of a 16-bit sine value is written to the EMIF every 250 ns (64 Mbps). Each EMIF output pin is connected to a 10-pF load.
# In CLKGEN domain idle mode, X2/CLKIN becomes output and is driven low to stop external crystals (if used) from oscillating. Standby current
will be higher if an external clock source tries to drive the X2/CLKIN pin during this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com