Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930VCW Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 21Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 161 page
background image
P R E L I M I N A R Y
AMD
25
Am79C930
PIN DESCRIPTIONS
Pins with Internal Pull Up or Pull
Down Devices
Several pins of the Am79C930 device include internal
pull up or pull down devices. With the exception of the
RESET pin, these pins are fully programmable as inputs
or outputs when the PCMCIA mode has been selected.
A subset of these pins is programmable when the ISA
Plug and Play mode has been selected. These pins will
come up after RESET in the high impedance state with
the pull up or pull down device actively determining the
value of the pin, unless an external driving source
overdrives the pull up or pull down device. VINITDN
bit (MIR9[2]) is used to turn off all pull up and pull
down devices.
The following list indicates those pins that contain pull
up and pull down devices:
PCMCIA Mode
Internal Device
Size of Internal
Pin Name
Type
Device
USER[6]/IRQ5
pull up
> 100K
USER[5]/IRQ4
pull up
> 100K
USER[4]/LA17
pull up
> 100K
USER[3]/SA16
pull up
> 100K
USER[2]/LA19
pull up
> 100K
USER[1]/IRQ12
pull down
> 100K
USER[0]/RFRSH
pull down
> 100K
LLOCKE/SA15
pull down
> 100K
ANTSLT/LA23
pull up
> 100K
TXDATA/LA20
pull up
> 100K
TXCMD/LA21
pull down
> 100K
RXC/IRQ10
pull up
> 100K
USER7/IRQ11
pull up
> 100K
LFPE
pull up
> 100K
HFPE
pull up
> 100K
RXPE
pull up
> 100K
ANTSLT
pull down
> 100K
TXCMD
pull up
> 100K
TXPE
pull up
> 100K
SDCLK
pull up
> 100K
SDDATA
pull up
> 100K
SDSEL[3]
pull up
> 100K
SDSEL[2]
pull up
> 100K
SDSEL[1]
pull up
> 100K
ACT
pull up
> 100K
LNK
pull up
> 100K
TXMOD
pull up
> 100K
STSCHG/BALE
pull up
> 100K
TXC
pull up
> 100K
Following the RESET operation, the Am79C930 firm-
ware or driver software should appropriately program
the D bits of TIR and TCR registers, and then set the FN
and EN bits of TIR and TCR registers to set the values
and directions of each of these programmable pins.
Once these operations have been performed, the soft-
ware should then program the INITDN bit of MIR9 in or-
der to disable all of the pull up and pull down devices.
Unused programmable pins should be programmed for
output mode, or may be left in the default high imped-
ance state if an external pull down or pull up device is left
connected to the pin. Unused programmable pins must
not be programmed for input mode with no external
source (pull-device or driver) connected and the INITDN
bit of MIR9 set to a 1, since this could lead to unaccept-
able levels of power consumption by the Am79C930 de-
vice. For more information on programmable pins, see
the Multi-Function Pins section.
Configuration Pins
PCMCIA
PCMCIA/ISA Bus Interface Select
Input
The value of this pin will asynchronously determine the
operating mode of the Am79C930 device, regardless of
the state of the RESET pin and regardless of the state of
the CLKIN pin. If the PCMCIA pin is tied to VCC, then the
Am79C930 controller will be programmed for PCMCIA
Bus Mode. If the PCMCIA pin is tied to VSS, then the
Am79C930 controller will be programmed for ISA Plug
and Play Bus Interface Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com