Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930VCW Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 85Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 86Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 87Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 88Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 89Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 90Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 91Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 161 page
background image
P R E L I M I N A R Y
AMD
89
Am79C930
TIR0: Network Control
General control for the transceiver device attached to
the transceiver interface pins.
Bit
Name
Reset Value
Description
7
LNK
pin
Link LED. The inverse of the LNK bit value is driven onto the
LNK
pin when the
LNK pin has been enabled for output.
The value read from LNK will always represent the inversion of the
current value of the
LNK pin. The control of the function of the LNK
pin is described in the
Multi-Function Pin section.
6
ACT
pin
Activity LED. The inverse of the ACT bit value is driven onto the
ACT pin when the ACT pin has been enabled for output.
The value read from ACT will always represent the inversion of the
current value of the
ACT pin. The control of the function of the ACT
pin is described in the
Multi-Function Pin section.
5
SRES
0
TAI reset. Active high. Asserting this bit will reset the TAI portion of
the Am79C930 device, except for this register (i.e., TIR0).
4
SSTRB
0
Software Strobe. This bit is intended for software development use.
The value written to this bit will be sent to the test output when the
device is programmed for test mode.
3
Reserved
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
2
RXP
0
RX Power control. The inverse of the RXP bit value is driven onto
the
RXPE pin when the RXPE pin has been enabled for output.
The value read from RXP will always represent the inverted logical
sense of the current value of the
RXPE pin. The control of the func-
tion of the
RXPE pin is described in the Multi-Function Pin section.
1
LFPE
0
Low Frequency Power control. The inverse of the LFPE bit value is
driven onto the
LFPE pin when the LFPE pin has been enabled
for output.
The value read from LFPE will always represent the inverted logical
sense of the current value of the
LFPE pin. The control of the func-
tion of the
LFPE pin is described in the Multi-Function Pin section.
0
HFPE
0
High Frequency Power control. The inverse of the HFPE bit value is
driven onto the
HFPE pin when the HFPE pin has been enabled
for output.
The value read from HFPE will always represent the inverted
logical sense of the current value of the
HFPE pin. The control of
the function of the
HFPE pin is described in the Multi-Function
Pin section.
TIR1: Network Status
The TAI Network status register is a general network
status register.
Bit
Name
Reset Value
Description
7
TSTO
0
Test Output. This bit is the result of the test multiplexer.
6–3
Reserved
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
2
IRQ
0
Interrupt Request. This bit represents the current value of the IRQ
output pin. When IRQ has the value 1, then an interrupt request
is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com