Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930VCW Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 81Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 82Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 84Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 85Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 86Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 87Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 88Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 161 page
background image
P R E L I M I N A R Y
AMD
85
Am79C930
PCMCIA CCSR is RESET to a 0. If the STSCHGFN bit of TCR15
has been set to a 0, then the value that is written to this bit will be
inverted and driven to the
STSTCHG pin of the Am79C930 device.
The value that is read from this bit always represents the inverse of
the current value of the
STSTCHG pin of the Am79C930 device.
THIS FUNCTION IS ONLY AVAILABLE IN PCMCIA MODE.
The complete control of the function of the
STSCHG/BALE pin is
described in the
Multi-Function Pin section.
MIR10: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
MIR11: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
MIR12: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
MIR13: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
MIR14: Reserved
This register is reserved.
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
MIR15: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7:0
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com