Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930VCW Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 91Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 161 page
background image
P R E L I M I N A R Y
AMD
95
Am79C930
TIR9: Transmit Status
Transmit Status register. Indicates the current status of
the Transmit portion of the TAI. Writes to these bits have
no effect.
Bit
Name
Reset Value
Description
7
TXCRC
0
Transmit CRC. TXCRC becomes set when the CRC is being ap-
pended to the end of the transmit frame. TXCRC is reset when the
transmission of the last bit of the CRC is completed.
6
TXSDD
0
Transmit Start Delimiter. TXSDD becomes set after the Start of
Frame Delimiter has been sent. This signal is deasserted when the
RESET pin is asserted or the CORESET bit is set to 1 (SIR0), when
the TXRES bit is set to 1 (TIR8), or when RXRES bit is set to 1
(TIR16), or when the RXS bit is set to 1 (TIR16), or the SRES bit is
set to 1 (TIR0). If a CRC is appended to the frame, then TXSDD will
be reset after the last bit of the CRC is appended to the frame.
5
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
4–1
TXFC[3:0]
8h
Transmit FIFO Count. TXFC indicates the current count of the num-
ber of
spaces available in the TX FIFO. The TX FIFO holds 8 bytes.
A TXFC value of “8h” indicates an empty TX FIFO, i.e., 8 spaces are
available. A TXFC value of “0h” indicates a full TX FIFO, i.e., 0
spaces are available.
0
TXBSY
0
TX Busy. This bit is set to 1 by the Am79C930 device when the
transmit operation begins and remains set until the transmission
has completed. Specifically, the TXBSY bit will be active whenever
the internal
O_TX signal is active as indicated in the TX timing dia-
gram found in the Am79C930-based
TX Power Ramp Control
section. When the TXC pin is configured as an input, then the
TXBSY signal will remain active until both the byte-wide TX FIFO
and the 16-bit serial FIFO have emptied. A write to this bit has
no effect.
TIR10: TX FIFO Data Register
This register is the TX FIFO Data Register. This
register allows direct access to the TX FIFO in the TAI.
When written, the TX FIFO write pointer is automatically
incremented. When read, the TX FIFO read pointer is
automatically incremented.
Bit
Name
Reset Value
Description
7:0
TXF[7:0]
Transmit FIFO data port. When written, data is placed into the sys-
tem side of the transmit FIFO. When read, data is removed from the
network side of the transmit FIFO. Reads of this register should be
for diagnostic purposes only and will not be necessary during nor-
mal operation. TX FIFO write and read pointers are automatically
incremented when writes and reads occur, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com