Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930VCW Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 100Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 161 page
background image
AMD
P R E L I M I N A R Y
98
Am79C930
TIR15: Byte Count Limit MSB
This register is the Byte Count Limit MSB register.
Bit
Name
Reset Value
Description
7–4
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
3–0
BCLT[11:8]
0h
Byte Count Limit. Upper 4 bits of byte count limit for both transmit
and receive operations, depending upon which operation is cur-
rently occurring. During transmit operations, when the byte count
limit is reached, an interrupt to the 80188 controller will be gener-
ated if the TXBCNT interrupt has been unmasked. During TX, the
byte counter counts all bytes beginning with the first byte after the
SFD field has been detected and does not count the CRC bytes ap-
pended to the TX frame. During RX, when the byte count limit is
reached, an interrupt to the 80188 controller will be generated if the
RXBCNT interrupt has been unmasked. During RX, the byte
counter counts all bytes that follow the Start of Frame delimiter.
Byte count limit has no effect on state machine or FIFO operations.
TIR16: Receiver Control
This register is the Receiver Control register. This regis-
ter allows basic control of the receive function.
Bit
Name
Reset Value
Description
7
RXRES
0
Receive Reset. When this bit is set to 1, the internal Receive Reset
signal is asserted. When this bit is set to 0, the internal Receive Re-
set signal is deasserted. The Receive FIFO is not reset by RXRES.
6
RXFR
0
Receive FIFO Reset. When this bit is set to 1, the internal Receive
FIFO Reset signal is asserted. When this bit is set to 0, the internal
Receive FIFO Reset signal is deasserted.
5–1
Reserved
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
0
RXS
0
Receive Start. When this bit is set to 1, then the receive state ma-
chine begins operation. DRQ indications based upon RX FIFO
status are independent of the value of this bit. The receive state
machine is edge-sensitive, that is, this bit must be reset to 0 and set
again to 1 before a subsequent reception will begin. The receive
busy bit will be set in the Receive Status register (TIR17) to indicate
the state of reception. Resetting this bit to 0 during a reception will
not cause the current reception to be aborted. Receive abort is per-
formed with the RXRES bit.
TIR17: Receive Status Register
This register is the RX Status register. Indicates the cur-
rent status of the Receive portion of the TAI.
Bit
Name
Reset Value
Description
7
CRC32
0
CRC32 Good. The CRC32 machine has detected a good CRC and
has latched the byte count that was active at the time that the CRC
was good.
6
CRC8
0
CRC8 Good. The CRC8 machine has detected a good CRC and
has latched the byte count that was active at the time that the CRC
was good.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com