Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2182S06F Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button 2ED2182S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 20Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 21Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 22Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 23Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 24Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Datasheet
24 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
11
Revision history
Document
version
Date of release
Description of changes
2.00
July 30, 2019
Final Datasheet
2.10
September 12, 2019
Revised parameter values in Tables 5 & 7 to match the test conditions.
Updated figure 1 to include 14 pin variant typical connection diagram.
2.20
January 14, 2020
Revised parameter values in Table 7 to match the test conditions. Added
deadtime settings section in page 10-11, revised DSO-14 pin package
marking
2.21
July 07, 2020
IC latch-up test per JESD78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com