Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2182S06F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 2ED2182S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 10Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 11Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Datasheet
9 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
5
Application information and additional details
5.1
IGBT / MOSFET gate drive
The 2ED2182 (4) S06F (J) HVIC is designed to drive MOSFET or IGBT power devices. Figures 4 and 5 illustrate
several parameters associated with the gate drive functionality of the HVIC. The output current of the HVIC, used
to drive the gate of the power switch, is defined as IO. The voltage that drives the gate of the external power switch
is defined as VHO for the high-side power switch and VLO for the low-side power switch; this parameter is
sometimes generically called VOUT and in this case does not differentiate between the high-side or low-side output
voltage.
Figure 4
HVIC Sourcing current
Figure 5
HVIC Sinking current
5.2
Switching and timing relationships
The relationships between the input and output signals of the 2ED2182 (4) S06F (J) are illustrated below in
Figure 6 and Figure 7. From these figures, we can see the definitions of several timing parameters (i.e. tON, tOFF,
tR, and tF) associated with this device.
Figure 6
Switching timing diagram
Figure 7
Input/output logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com