Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2182S06F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2ED2182S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 10Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 11Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Datasheet
10 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
5.3
Deadtime and matched propagation delays
This 2ED2182 (4) S06F (J) features integrated deadtime protection circuitry. The deadtime is fixed for
2ED2182S06F; is programmable for 2ED2182S06J, it provides greater design flexibility. The deadtime feature
inserts a time period (a minimum deadtime) in which both the high- and low-side power switches are held off;
this is done to ensure that the power switch being turned off has fully turned off before the second power switch
is turned on. This minimum deadtime is automatically inserter whenever the external deadtime is shorter than
DT; external deadtimes larger than DT are not modified by the gate driver. Figure 8 illustrates the deadtime
period and the relationship between the output gate signals.
The deadtime circuitry of 2ED2182 (4) S06F (J) is matched with respect to the high- and low-side outputs. Figure
9 defines the two deadtime parameters (i.e., DTLO-HO and DTHO-LO); the deadtime matching parameter (MDT)
associated with the 2ED2182S06F (J) specifies the maximum difference between DTLO-HO and DTHO-LO.
Figure 8
Dead Time Definitions
Figure 9
Delay Matching Waveform Definitions
The 2ED2182 (4) S06F (J) is designed with propagation delay matching circuitry. With this feature, the IC’s
response at the output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for
both the low-side channels and the high-side channels; the maximum difference is specified by the delay
matching parameter (MT). The propagation turn-on delay (tON) of the 2ED2182 (4) S06F (J) is matched to the
propagation turn-on delay (tOFF).
The 14-pin variant (2ED21824S06J) provides greater design flexibility with a programmable dead-time feature
using an external resistor (RDT) connected between the DT pin and VSS pin as shown in figure 10.
Figure 10
14-pin half-bridge variants having adjustable dead-time feature settable with a resistor
14
13
12
11
LIN
VS
1
2
3
4
HO
VB
DT
HIN
VSS
5
COM
6
LO
7
VCC
10
9
8
Up to 650V
TO LOAD
VCC
HIN
LIN
VSS
RDT
2ED21824S06J
LIN
HIN
HO
LO
12 V
3V
3V
12V
1.65V
1.65V
DT
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com