Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2182S06F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 2 Page - Infineon Technologies AG

  2ED2182S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Datasheet
2 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
Description
The 2ED2182(4)S06F(J) is a half-bridge high voltage, high speed power MOSFET and IGBT driver with
independent high and low side referenced output channels. Based on Infineon’s SOI-technology there is an
excellent ruggedness and noise immunity with capability to maintain operational logic at negative voltages of
up to - 11 VDC on VS pin (VCC= 15 V) on transient voltages. There are not any parasitic thyristor structures present
in the device, hence no parasitic latch up may occur at all temperature and voltage conditions. The logic input is
compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse
current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive
an N-channel power MOSFET, SiC MOSFET or IGBT in the high side configuration, which operate up to 650 V.
*Bootstrap diode is monolithically integrated
This diagram shows electrical connections only. Please refer to our application notes and design tips for proper circuit board layout.
Figure 1
Typical application block diagram
Summary of feature comparison of the 2ED218x family
Table 1
Part No.
Package
Drive
current
source /
sink
Input
logic
Cross
conduction
prevention
logic
Deadtime
Ground
pins
tON/ tOFF
2ED2181S06F
DSO – 8
+ 2.5 A /
- 2.5 A
HIN, LIN
No
None
COM
200 ns /
200 ns
2ED21814S06J
DSO – 14
+ 2.5 A /
- 2.5 A
VSS /
COM
2ED2182S06F
DSO – 8
+ 2.5 A /
- 2.5 A
HIN, LIN
Yes
Internal 400 ns
COM
2ED21824S06J
DSO – 14
+ 2.5 A /
- 2.5 A
Programmable
400 ns - 5000 ns
VSS /
COM
2ED2183S06F
DSO – 8
+ 2.5 A /
- 2.5 A
HIN,
LIN Yes Internal400ns COM
2ED21834S06J
DSO – 14
+ 2.5 A /
- 2.5 A
Programmable
400 ns - 5000 ns
VSS /
COM
2ED2184S06F
DSO – 8
+ 2.5 A /
- 2.5 A
IN,
SD Yes Internal400ns COM 600ns/
200 ns
2ED21844S06J
DSO – 14
+ 2.5 A /
- 2.5 A
Programmable
400 ns - 5000 ns
VSS /
COM
14
13
12
11
LIN
VS
1
2
3
4
HO
VB
DT
HIN
VSS
5
COM
6
LO
7
VCC
10
9
8
Up to 650V
TO LOAD
VCC
HIN
LIN
VSS
RDT
2ED21824S06J
8
7
6
5
LIN
VCC
1
2
3
4
HO
LO
HIN
COM
VS
VB
Up to 650V
TO LOAD
HIN
LIN
VCC
2ED2182S06F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com