Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178C Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
IP178C
Preliminary Data Sheet
22/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Pin description (continued)
Pin no.
Label
Type
Description
MII configuration pins
53
EXTMII_EN
IPL2
MII port enable
1: enable MII port,
0: disable MII port
This pin53 also determines the regulator output voltage. Please
see pin 52 REG_OUT for detail information.
104
MII_MAC
IPL2
/O
MII mode selection
It is latched as MII MAC/ PHY mode selection at the end of
reset. It should be pull high if pin 72 RMII_MII is pulled high.
1: MAC mode,
0: PHY mode
After reset, it is used as clock pin SCL of EEPROM
72
RMII_MII
IPL1
/O
MII RMII selection
It is latched as RMII_MII selection at the end of reset. It is valid
only if pin 53 EXTMII_EN is pulled high. Pin 104 MII_MAC
should be pull high RMII is enabled.
1: RMII,
0:MII
After reset, it is used as SPPED_LED1.
SMI
103, 102
MDC, MDIO
IPL2
,
IPH2
/O
SMI
The external MAC device uses the interface to access the
registers of IP178C. IP178C doesn’t access the MII registers of
external PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com