Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178C Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
IP178C
Preliminary Data Sheet
52/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Link partner ability register (address 05) Base Page
0
5.15
RO
Next Page
1 = Next Page ability is supported by link partner
0 = Next Page ability does not supported by link partner
0
0
5.14
RO
Acknowledge
1 = Link partner has received the ability data word
0 = Not acknowledge
0
0
5.13
RO
Remote Fault
1 = Link partner indicates a remote fault
0 = No remote fault indicate by link partner
If this bit is set to logic 1, then bit 1.4 (Remote fault) will set to
logic 1.
0
0
5[12:11]
--
RO
Reserved by IEEE for future use, write as 0, read as 0.
0
0
5.10
--
RO
Pause
1 = Link partner support IEEE802.3x
0 = Link partner does not support IEEE802.3x
IP178C will reload the default value after rest or link failure.
1
0
5.9
--
RO
100BASE-T4
1 = Link partner support 100BASE-T4
0 = Link partner does not support 100BASE-T4
0
0
5.8
--
RO
100BASE-TX full duplex
1 = Link partner support 100BASE-TX full duplex
0 = Link partner does not support 100BASE-TX full duplex
0
0
5.7
--
RO
100BASE-TX
1 = Link partner support 100BASE-TX
0 = Link partner does not support 100BASE-TX
0
0
5.6
--
RO
10BASE-T full duplex
1 = Link partner support 10BASE-T full duplex
0 = Link partner does not support 10BASE-T full duplex
0
0
5.5
--
RO
10BASE-T
1 = Link partner support 10BASE-T
0 = Link partner does not support 10BASE-T
0
0
5[4:0]
--
RO
Selector Field
Protocol selector of the link partner
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com