Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178C Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
IP178C
Preliminary Data Sheet
IPv4/IPv6 DiffServ
IP178C checks the DiffServ field of a IPv4 frame or Traffic class field [7:2] (TC[7:2]) of a IPv6 frame and
uses them to decide the frame’s priority if MII register 31.30.[13] DIFFSERV_EN is enabled. IP178C
uses DiffServ or TC [7:2] as index to select one of 64 bits defined in the MII register 31.22~25
DSCP[63:0]. If the bit is “1”, the received frame is handled as a high priority frame.
6 byte
DA
IPv4 frame format
TYPE=0800
Preamble
SA
SFD
802.1Q tag
(optional)
DATA
FCS
6 byte
4 byte
2 byte
Header
Size
RES
VER=0100
4 bit
2 byte
4 bit
6 bit
DiffServ
2 bit
6 byte
DA
IPv6 frame format
TYPE=86DD
Preamble
SA
SFD
802.1Q tag
(optional)
DATA
FCS
6 byte
4 byte
2 byte
----
RES
VER=0110
4 bit
2 byte
4 bit
6 bit
Traffic Class[7:2]
2 bit
41/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com