Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178C Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 74Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 75Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 76Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 77Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 78Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 79Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 80Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
IP178C
Preliminary Data Sheet
78/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Reserved register (It is for testing only and is not released to users)
31
10[13:12] 85[5:4]
DRIVE[1:0]
31
10[11]
85[3]
BF_STM_EN_QM
0
31
10[10]
85[2]
HP_DIS_FLOW_EN
0
31
10[9]
85[1]
TWOPART
1
31
10[8]
85[0]
ALLPASS
0
31
10[7:5]
84[7:5]
PHY PIN RESERVED[2:0]
0
31
10[4]
84[4]
BYSCR_MODE
0
31
10[3]
84[3]
DIGITAL_LPBK
0
31
10[2]
84[2]
DIGITAL_SPEED_UP
0
31
10[1]
84[1]
SPEED_UP_10
0
31
10[0]
84[0]
F_LINK_100
0
Reserved register (It is for testing only and is not released to users)
31
11[15:0] 87[7:0],
86[7:0]
PHY_EEPROM_SETTING_1[15:0]
16’h0000
31
12[15:0] 89[7:0],
88[7:0]
PHY_EEPROM_SETTING_2[15:0]
16’h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com