Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178C Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 80Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 82Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 83Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 86Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 87Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
IP178C
Preliminary Data Sheet
84/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
3
Electrical Characteristics
3.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to 4.0V
Input Voltage
–0.3V to 5.0V
Output Voltage
–0.3V to 5.0V
Storage Temperature
-65
°C to 150°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
3.2
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
1.80
1.95
2.05
V
All ports unlink
Supply Voltage
VCC_O
3.135
3.3
3.465
V
Power Consumption
1.35
W
100 Mbps full, VCC=1.95V
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA, VCC_O_x=3.3V
Output High Voltage
VOH
2.4
V
IOL=4mA, VCC_O_x=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com