Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM3003J Datasheet(PDF) 2 Page - uPI Group Inc.

Part # QM3003J
Description  P-Channel 30V Fast Switching MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3003J Datasheet(HTML) 2 Page - uPI Group Inc.

  QM3003J Datasheet HTML 1Page - uPI Group Inc. QM3003J Datasheet HTML 2Page - uPI Group Inc. QM3003J Datasheet HTML 3Page - uPI Group Inc. QM3003J Datasheet HTML 4Page - uPI Group Inc. QM3003J Datasheet HTML 5Page - uPI Group Inc. QM3003J Datasheet HTML 6Page - uPI Group Inc. QM3003J Datasheet HTML 7Page - uPI Group Inc. QM3003J Datasheet HTML 8Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QM3003J
P-Channel 30V Fast Switching MOSFET
QM3003J-DS-F0000, Aug. 2019
Copyright© uPI Semiconductor Corp. All Rights reserved.
www.upi-semi.com
1
General Description
The QM3003J is a high performance trench P-channel MOSFET which utilizes extremely high cell density to
provide low Rdson and gate charge characteristics. It is ideally suited to support synchronous buck
converter applications.
The QM3003J meets RoHS and Green Product requirements while supporting full function reliability.
Features
Product Summary
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
VDS
RDS(ON) max
(VGS=-10V)
ID
(TA=25 °C)
-30V
32mΩ
-5.8A
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Pin Configuration
Networking DC-DC Power System
Load Switch
Ordering Information
Order
Number
Package
Type
Top Marking
QM3003J
SOT89
D
G
S
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com