Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM3003J Datasheet(PDF) 4 Page - uPI Group Inc.

Part # QM3003J
Description  P-Channel 30V Fast Switching MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3003J Datasheet(HTML) 4 Page - uPI Group Inc.

  QM3003J Datasheet HTML 1Page - uPI Group Inc. QM3003J Datasheet HTML 2Page - uPI Group Inc. QM3003J Datasheet HTML 3Page - uPI Group Inc. QM3003J Datasheet HTML 4Page - uPI Group Inc. QM3003J Datasheet HTML 5Page - uPI Group Inc. QM3003J Datasheet HTML 6Page - uPI Group Inc. QM3003J Datasheet HTML 7Page - uPI Group Inc. QM3003J Datasheet HTML 8Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QM3003J
QM3003J-DS-F0000, Aug. 2019
Copyright© uPI Semiconductor Corp. All Rights reserved.
www.upi-semi.com
3
 
P-Channel Electrical Characteristics
P-Channel Electrical Characteristics: (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
--
--
V
△
BVDSS /△TJ
BVDSS Temperature Coefficient
Reference to 25°C , ID=-1mA
--
-0.022
--
V/°C
RDS(ON)
Static Drain-Source
On-Resistance2
VGS=-10V , ID=-5A
--
26
32
mΩ
VGS=-4.5V , ID=-4A
--
36
45
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.0
-1.5
-2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
--
4.6
--
mV/°C
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=25°C
--
--
-1
uA
VDS=-24V , VGS=0V , TJ=55°C
--
--
-5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
--
--
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-6A
--
17
--
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
--
13
26
Qg
Total Gate Charge
VDS=-15V , VGS=-4.5V , ID=-5A
--
12.6
17.6
nC
Qgs
Gate-Source Charge
--
4.8
6.7
Qgd
Gate-Drain Charge
--
4.8
6.7
td(on)
Turn-On Delay Time
VDS=-15V , VGS=-10V ,
RG=3.3
, ID=-5A
--
4.6
9.2
ns
tr
Rise Time
--
14.8
26.6
td(off)
Turn-Off Delay Time
--
41
82
tf
Fall Time
--
19.6
39.2
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
--
1345
1883
pF
Coss
Output Capacitance
--
194
272
Crss
Reverse Transfer Capacitance
--
158
221



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com