Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM3003J Datasheet(PDF) 3 Page - uPI Group Inc.

Part # QM3003J
Description  P-Channel 30V Fast Switching MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3003J Datasheet(HTML) 3 Page - uPI Group Inc.

  QM3003J Datasheet HTML 1Page - uPI Group Inc. QM3003J Datasheet HTML 2Page - uPI Group Inc. QM3003J Datasheet HTML 3Page - uPI Group Inc. QM3003J Datasheet HTML 4Page - uPI Group Inc. QM3003J Datasheet HTML 5Page - uPI Group Inc. QM3003J Datasheet HTML 6Page - uPI Group Inc. QM3003J Datasheet HTML 7Page - uPI Group Inc. QM3003J Datasheet HTML 8Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
QM3003J
QM3003J-DS-F0000, Aug. 2019
Copyright© uPI Semiconductor Corp. All Rights reserved.
www.upi-semi.com
2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25°C
Continuous Drain Current, VGS @ -10V1
-5.8
A
ID@TA=70°C
Continuous Drain Current, VGS @ -10V1
-4.6
A
IDM
Pulsed Drain Current2
-24
A
PD@TA=25°C
Total Power Dissipation3
1.5
W
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Thermal Data
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient1
--
85
°C/W
RθJC
Thermal Resistance Junction-Case1
--
21.6
°C/W
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com