Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM3003J Datasheet(PDF) 6 Page - uPI Group Inc.

Part # QM3003J
Description  P-Channel 30V Fast Switching MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3003J Datasheet(HTML) 6 Page - uPI Group Inc.

  QM3003J Datasheet HTML 1Page - uPI Group Inc. QM3003J Datasheet HTML 2Page - uPI Group Inc. QM3003J Datasheet HTML 3Page - uPI Group Inc. QM3003J Datasheet HTML 4Page - uPI Group Inc. QM3003J Datasheet HTML 5Page - uPI Group Inc. QM3003J Datasheet HTML 6Page - uPI Group Inc. QM3003J Datasheet HTML 7Page - uPI Group Inc. QM3003J Datasheet HTML 8Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QM3003J
QM3003J-DS-F0000, Aug. 2019
Copyright© uPI Semiconductor Corp. All Rights reserved.
www.upi-semi.com
5
0
5
10
15
20
25
30
02
468
-VDS , Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
0.5
1
1.5
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1: Typical Output Characteristics
Fig.2: On-Resistance v.s Gate-Source
Fig.3: Forward Characteristics of Reverse
Fig.4: Gate-Charge Characteristics
Fig.5: Normalized VGS(th) vs. TJ
Fig.6: Normalized RDSON vs. TJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com