Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP141WX3 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP141WX3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Product Specification
3 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
RECORD OF REVISIONS
Be updated Power Consumption
4, 6
Mar 06. 2008
0.1
page 31 Changed SMBUS Data : ** → 00
Logic 1.25W(Mosaic)
page 29 Product code : 0000 → 2B01
0.1
EDID update(be updated product code)
29~31
Be updated Label Code(2D drawing)
20
0.0
EDID
ver
Final specification
All
Mar. 28. 2008
1.0
page 31 EDID check sum : 97 → 0E
page 29 Year of Manufacture : 11 → 12
First Draft (Preliminary Specification)
-
Aug 30. 2007
0.0
Description
Page
Revision Date
Revision No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com