Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP141WX3 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Product Specification
11 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
3-4. Signal Timing Specifications
Table 6. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Data Enable, Hsync, Vsync
Hsync
Data Enable
Vsync
Data Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA
tCLK
0.5 Vcc
DCLK
800
800
800
tWVA
Width-Active
1280
1280
1280
tWHA
Width-Active
tCLK
96
80
40
tHBP
Horizontal back porch
56
40
24
tHFP
Horizontal front porch
tHP
32
24
6
tVBP
Vertical back porch
18
8
1
tVFP
Vertical front porch
tHP
860
840
809
tVP
Period
10
8
2
tWV
Width
48
32
16
tWH
Width
tCLK
1480
1432
1360
Thp
Period
Hsync
Vsync
Data
Enable
MHz
-
72.17
-
fCLK
Frequency
DCLK
Note
Unit
Max
Typ
Min
Symbol
ITEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com