Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP141WX3 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Product Specification
17 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP141WX3. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
189.84 mm
Vertical
Anti-glare treatment of the front polarizer
Surface Treatment
425(Max)
Weight
193.00 ± 0.5mm
Vertical
205.5 ± 0.5mm
Vertical
5.5mm (max)
Thickness
303.74 mm
Horizontal
Active Display Area
306.76 ± 0.5mm
Horizontal
Bezel Area
319.5 ± 0.5mm
Horizontal
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com