Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP141WX3 Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Product Specification
8 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
No Connect
NC
20
Ground
GND
19
Positive LVDS differential clock input
CLKIN+
18
Negative LVDS differential clock input
CLKIN-
17
Ground
GND
16
Positive LVDS differential data input
R
IN 2+
15
Negative LVDS differential data input
R
IN 2-
14
Ground
GND
13
Positive LVDS differential data input
R
IN 1+
12
Negative LVDS differential data input
R
IN 1-
11
No Connect
NC
30
Power Supply, 3.3V Typ.
VCC
2
Power Supply, 3.3V Typ.
VCC
3
DDC 3.3V power
V EEDID
4
Panel Self Test
Test
5
DDC Clock
Clk EEDID
6
DDC Data
DATA EEDID
7
Positive LVDS differential data input
R
IN 0+
9
Ground
GND
1
Negative LVDS differential data input
R
IN 0-
8
Ground
GND
10
Ground
GND
22
No Connect
NC
23
No Connect
NC
24
Ground
GND
25
No Connect
NC
26
No Connect
NC
27
Ground
GND
28
No Connect
NC
29
Notes
Description
Symbol
Pin
NC
No Connect
21
1, Interface chips
1.1 LCD : SW, SW0612B (LCD Controller)
including LVDS Receiver
1.2 System : THC63LVD823A or equivalent
* Pin to Pin compatible with LVDS
2. Connector
2.1 LCD
: MDF76LBRW-30S ,HIROSE
its compatibles
2.2 Mating : FI-X30M or equivalent.
2.3 Connector pin arrangement
1
30
[LCD Module Rear View]
This LCD employs two interface connections, a 30 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model MDF76LBRW-30S-1 manufactured by HIROSE.
The backlight interface connector is a model BHSR-02VS-1, manufactured by JST or Compatible.
The mating connector part number is AMP1674817-2 or equivalent.
Notes : 1. The high voltage side terminal is colored Pink and the low voltage side terminal is Yellow.
PIN2
PIN2
PIN1
1
Power supply for lamp (Low voltage side)
LV
2
1
Power supply for lamp (High voltage side)
HV
1
Notes
Description
Symbol
Pin
Table 4. BACKLIGHT CONNECTOR PIN CONFIGURATION (J3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com