Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP141WX3 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Product Specification
6 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
3. Electrical Specifications
3-1. Electrical Characteristics
The LP141WX3 requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second input which powers the CCFL, is typically generated by an
inverter. The inverter is an external unit to the LCD.
Table 2. ELECTRICAL CHARACTERISTICS
1
mA
440
380
320
Mosaic
1
Watt
1.6
1.25
-
Pc
Power Consumption
W
4.5
4.2
1.8
P
BL
Power Consumption
V
RMS
V
RMS
1180
1415
Vs
Established Starting Voltage
at 25℃
at 0 ℃
LAMP :
V
RMS
880(2.0mA)
667(6.3mA)
640(7.0mA)
V
BL
Operating Voltage
3
mA
RMS
7.0
6.3
2.0
I
BL
Operating Current
kHz
80
55
45
f
BL
Operating Frequency
4
Min
3
Ts
Discharge Stabilization Time
5
Hrs
15,000
Life Time
2
Ohm
110
100
90
Zm
Differential Impedance
V
DC
3.6
3.3
3.0
VCC
Power Supply Input Voltage
I
CC
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values
Note)
1. The specified current and power consumption are under the Vcc = 3.3V , 25℃, fv = 60Hz condition
whereas Mosaic pattern is displayed and fv is the frame frequency.
2. This impedance value is needed to proper display and measured form LVDS Tx to the mating connector.
3. The typical operating current is for the typical surface luminance (L
WH) in optical characteristics.
4. Define the brightness of the lamp after being lighted for 5 minutes as 100%, Ts is the time required for
the brightness of the center of the lamp to be not less than 95%.
5. The life time is determined as the time at which brightness of lamp is 50% compare to that of initial value
at the typical lamp current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com