Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP156WF4 Datasheet(PDF) 33 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 33 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 37Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
1
HPD Signal recognition
Define
1. Hot Plug Detection (HPD) Threshold level of Source Device is minimum 2.0V
2. HPD Unplug : HPD pulse stays low longer than 2ms.
DP Tx shall wait for HPD signal to go high again.
3. “HPD High” is confirmed only after HPD has been asserted continuously for 100msec.
2
IRQ (Interrupt Request) HPD Pulse Definition
Define
Upon detection this “HPD IRQ Event”(0.5ms ~ 1ms) ,the source device must read the
link / sink status field of the DPCD and take corrective action.
APPENDIX B. LGD Proposal for eDP Interface Design Guide
[ Abnormal Communication By HPD Glitch ]
LCDVCC
HPD
AUX
0~200ms
Abnormal AUX communication by system HPD glitch recognition
HPD Glitch
Hot Plug Event
 No AUX communication
[ Normal Communication By HPD Signal ]
LCDVCC
HPD
AUX
0~200ms
Normal AUX communication by system HPD recognition
HPD Glitch
Hot Plug Event
 AUX communication
Min 2.0V
Min 2.0V
LCDVCC
HPD
AUX
Main link
Link
training
Normal
Video stream
Abnormal Status
Link disconnect
HPD_IRQ by link disconnecting
0.5ms ~ 1.0ms
Link
training
Normal
Video stream
RX link status check &
Re-link training
Ex) HPD Pulse
33 / 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com