Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP156WF4 Datasheet(PDF) 27 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 27 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
27 / 39
1
Gap check for securing the enough gap between LCM and System back cover.
Define
1. Rear side of LCM is sensitive against external stress, and previous check
about interference is highly needed.
2. In case there is something from system cover comes into the boundary
above, mechanical interference may cause the FOS defects.
(e.g.. Ripple, White spot..)
2
Check if antenna cable is sufficiently apart from T-CON of LCD Module.
Define
If system antenna is overlapped with T-CON, It might be cause the noise
NG
OK
T-CON
T-CON
LCM
PAD
Back cover
Boss
Back cover
PAD
Boss
a
b
◆ a : min 0mm
◆ b : min 0.3mm, Max 1.0mm
APPENDIX A. LGD Proposal for system cover design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com