Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP156WF4 Datasheet(PDF) 35 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 35 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 37Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 38Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 39Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
5
Main Link Off vs. LCD Power Off at Non-PSR
Define
If Main Link off signal from Source, then LCDVCC must be Power Off within T10 period
at Non-PSR mode
* LGD recommend that Source must power off the LCDVCC if Main Link off like below.
Vcc
Main Link
Vcc
Main Link
[Case1. Resolution Change]
[Case2. Close the Lid]
Timing
Parameter
Description
Required By
Min
Max
T10
Delay from end of valid video
from Source to Power Off
Source
0ms
500ms
35 / 39
APPENDIX B. LGD Proposal for eDP Interface Design Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com