Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP156WF4 Datasheet(PDF) 34 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 34 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 37Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 38Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
3
Main Link EYE Diagram
Define
Main Link EYE Diagram should meet TP2 and TP3 point
4
Cable Impedance management
Define
Cable Impedance 100 Ω +/- 5% ( 95Ω ~ 105Ω )
Point
UI
Voltage (Volts)
1
0.246
0.000
2
0.500
0.075
3
0.755
0.000
4
0.500
-0.075
[EYE Vertices for TP3 at HBR]
Point
UI
Voltage (Volts)
1
0.210
0.000
2
0.355
0.140
3
0.500
0.175
4
0.645
0.175
5
0.790
0.000
6
0.645
-0.175
7
0.500
-0.175
8
0.355
-0.140
[EYE Vertices for TP2 at HBR]
[EYE Diagram]
Segment
Differential
Impedance
Maximum
Tolerance
Fixture
100 Ω
+/- 10%
Connector
100 Ω
Wire management
100 Ω
Cable
100 Ω
+/- 5%
214.8ps
350mV
UI
Volts
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
5
6
7
8
150mV
188.5ps
Volts
1
2
3
4
UI
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
34 / 39
APPENDIX B. LGD Proposal for eDP Interface Design Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com