Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP156WF4 Datasheet(PDF) 38 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 38 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 37Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 38Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 39Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
38 / 39
APPENDIX C. Enhanced Extended Display Identification Data (EEDIDTM)
2/3
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
54
36
Pixel Clock/10,000 (LSB)
138.7 MHz @ 60 Hz
2E
00101110
55
37
Pixel Clock/10,000 (MSB)
36
00110110
56
38
Horizontal Active (HA)
(lower 8 bits)
1920 pixels
80
10000000
57
39
Horizontal Blanking (HB) (lower 8 bits)
160 pixels
A0
10100000
58
3A
Horizontal Active (HA) / Horizontal Blanking (HB) (upper 4:4bits)
70
01110000
59
3B
Vertical Avtive (VA)
1080 lines
38
00111000
60
3C
Vertical Blanking (VB) (DE Blanking typ.for DE only panels)
31 lines
1F
00011111
61
3D
Vertical Active (VA) / Vertical Blanking (VB) (upper 4:4bits)
40
01000000
62
3E
Horizontal Front Porch in pixels (HF) (lower 8 bits)
48 pixels
30
00110000
63
3F
Horizontal Sync Pulse Width in pixels (HS) (lower 8 bits)
32 pixels
20
00100000
64
40
Vertical Front Porch in lines (VF) : Vertical Sync Pluse Width in lines (VS) (lower 4 bits)
3 lines : 5 lines
35
00110101
65
41
Horizontal Front Porch/ Sync Pulse Width/ Vertical Front Porch/ Sync Pulse Width (upper 2bits)
00
00000000
66
42
Horizontal Vedio Image Size (mm) (lower 8 bits)
345 mm
59
01011001
67
43
Vertical Vedio Image Size
(mm) (lower 8 bits)
194 mm
C2
11000010
68
44
Horizontal Image Size / Vertical Image Size (upper 4 bits)
10
00010000
69
45
Horizontal Border = 0 (Zero for Notebook LCD)
00
00000000
70
46
Vertical Border = 0
(Zero for Notebook LCD)
00
00000000
71
47
Non-Interlace, Normal display, no stereo, Digital Separate [ Vsync_NEG, Hsync_NEG (outside of V-sync) ]
19
00011001
72
48
Flag
00
00000000
73
49
Flag
00
00000000
74
4A
Flag
00
00000000
75
4B
Data Type Tag (Descriptor Defined by manufacturer )
00
00000000
76
4C
Flag
00
00000000
77
4D
Descriptor Defined by manufacturer
00
00000000
78
4E
Descriptor Defined by manufacturer
00
00000000
79
4F
Descriptor Defined by manufacturer
00
00000000
80
50
Descriptor Defined by manufacturer
00
00000000
81
51
Descriptor Defined by manufacturer
00
00000000
82
52
Descriptor Defined by manufacturer
00
00000000
83
53
Descriptor Defined by manufacturer
00
00000000
84
54
Descriptor Defined by manufacturer
00
00000000
85
55
Descriptor Defined by manufacturer
00
00000000
86
56
Descriptor Defined by manufacturer
00
00000000
87
57
Descriptor Defined by manufacturer
00
00000000
88
58
Descriptor Defined by manufacturer
00
00000000
89
59
Descriptor Defined by manufacturer
00
00000000
90
5A
Flag
00
00000000
91
5B
Flag
00
00000000
92
5C
Flag
00
00000000
93
5D
Data Type Tag ( Alphanumeric Data String (ASCII String) )
FE
11111110
94
5E
Flag
00
00000000
95
5F
Alphanumeric Data String (ASCII String)
L
4C
01001100
96
60
Alphanumeric Data String (ASCII String)
G
47
01000111
97
61
Alphanumeric Data String (ASCII String)
20
00100000
98
62
Alphanumeric Data String (ASCII String)
D
44
01000100
99
63
Alphanumeric Data String (ASCII String)
i
69
01101001
100
64
Alphanumeric Data String (ASCII String)
s
73
01110011
101
65
Alphanumeric Data String (ASCII String)
p
70
01110000
102
66
Alphanumeric Data String (ASCII String)
l
6C
01101100
103
67
Alphanumeric Data String (ASCII String)
a
61
01100001
104
68
Alphanumeric Data String (ASCII String)
y
79
01111001
105
69
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
0A
00001010
106
6A
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
20
00100000
107
6B
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
20
00100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com