Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F916
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F916 Datasheet HTML 39Page - Microchip Technology PIC16F916 Datasheet HTML 40Page - Microchip Technology PIC16F916 Datasheet HTML 41Page - Microchip Technology PIC16F916 Datasheet HTML 42Page - Microchip Technology PIC16F916 Datasheet HTML 43Page - Microchip Technology PIC16F916 Datasheet HTML 44Page - Microchip Technology PIC16F916 Datasheet HTML 45Page - Microchip Technology PIC16F916 Datasheet HTML 46Page - Microchip Technology PIC16F916 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 41
PIC16F917/916/914/913
3.2
PORTB and TRISB Registers
PORTB is a general purpose I/O port with similar
functionality as the PIC16F77. All PORTB pins can have
a weak pull-up feature, and PORTB<7:4> implements an
interrupt-on-input change function.
PORTB is also used for the Serial Flash programming
interface.
EXAMPLE 3-2:
INITIALIZING PORTB
3.3
Additional PORTB Pin Functions
RB<7:6> are used as data and clock signals, respectively,
for both serial programming and the in-circuit debugger
features on the device. Also, RB0 can be configured as an
external interrupt input.
3.3.1
WEAK PULL-UPS
Each of the PORTB pins has an individually configurable
internal weak pull-up. Control bits WPUB<7:0> enable or
disable each pull-up. Refer to Register 3-6. Each weak
pull-up is automatically turned off when the port pin is
configured as an output. The pull-ups are disabled on a
Power-on Reset by the RBPU bit (OPTION_REG<7>).
3.3.2
INTERRUPT-ON-CHANGE
Four of the PORTB pins are individually configurable
as an interrupt-on-change pin. Control bits IOCB<7:4>
enable or disable the interrupt function for each pin.
Refer to Register 3-5. The interrupt-on-change feature
is disabled on a Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTB. The ‘mismatch’ outputs of the last read are
OR’d together to set the PORTB Change Interrupt flag
bit (RBIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The user,
in the Interrupt Service Routine, clears the interrupt by:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear the flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading or writing PORTB will end the mismatch con-
dition and allow flag bit RBIF to be cleared. The latch
holding the last read value is not affected by a MCLR
nor Brown-out Reset. After these Resets, the RBIF flag
will continue to be set if a mismatch is present.
Note:
Analog lines that carry LCD signals
(i.e., SEGx, COMy, where x and y are seg-
ment and common identifiers) are shown
as direct connections to the device pins.
The signals are outputs from the LCD
module and may be tri-stated, depending
on the configuration of the LCD module.
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
CLRF
PORTB
;Init PORTB
BSF
STATUS,RP0 ;Bank 1
BCF
STATUS,RP1 ;
MOVLW
FFh
;Set RB<7:0> as inputs
MOVWF
TRISB
;
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RBIF
interrupt flag may not get set. Furthermore,
since a read or write on a port affects all bits
of that port, care must be taken when using
multiple pins in Interrupt-on-change mode.
Changes on one pin may not be seen while
servicing changes on another pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com