Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916 Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F916
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916 Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F916 Datasheet HTML 86Page - Microchip Technology PIC16F916 Datasheet HTML 87Page - Microchip Technology PIC16F916 Datasheet HTML 88Page - Microchip Technology PIC16F916 Datasheet HTML 89Page - Microchip Technology PIC16F916 Datasheet HTML 90Page - Microchip Technology PIC16F916 Datasheet HTML 91Page - Microchip Technology PIC16F916 Datasheet HTML 92Page - Microchip Technology PIC16F916 Datasheet HTML 93Page - Microchip Technology PIC16F916 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 88
Preliminary
© 2005 Microchip Technology Inc.
6.5
Timer1 Operation in
Asynchronous Counter Mode
If control bit T1SYNC (T1CON<2>) is set, the external
clock input is not synchronized. The timer continues to
increment asynchronous to the internal phase clocks.
The timer will continue to run during Sleep and can
generate an interrupt-on-overflow, which will wake-up
the processor. However, special precautions in
software are needed to read/write the timer (see
Section 6.5.1 “Reading and Writing Timer1 in
Asynchronous Counter Mode”).
6.5.1
READING AND WRITING TIMER1 IN
ASYNCHRONOUS COUNTER
MODE
Reading TMR1H or TMR1L, while the timer is running
from an external asynchronous clock, will ensure a
valid read (taken care of in hardware). However, the
user should keep in mind that reading the 16-bit timer
in two 8-bit values itself, poses certain problems, since
the timer may overflow between the reads.
For writes, it is recommended that the user simply stop
the timer and write the desired values. A write
contention may occur by writing to the timer registers,
while the register is incrementing. This may produce an
unpredictable value in the timer register.
Reading
the
16-bit
value
requires
some
care.
Examples in the “PICmicro® Mid-Range MCU Family
Reference Manual” (DS33023) show how to read and
write Timer1 when it is running in Asynchronous mode.
6.6
TIMER1 OSCILLATOR
To minimize the multiplexing of peripherals on the I/O
ports, the dedicated TMR1 oscillator, which is normally
used for TMR1 real-time clock applications, is eliminated.
Instead, the TMR1 module can enable the LP oscillator.
If the microcontroller is programmed to run from
INTOSC with no CLKO or LP oscillator:
1.
Setting the T1OSCEN and TMR1CS bits to ‘1’
will enable the LP oscillator to clock TMR1 while
the microcontroller is clocked from either the
INTOSC or LP oscillator. Note that the T1OSC
and LP oscillators share the same circuitry.
Therefore, when LP oscillator is selected and
T1OSC is enabled, both the microcontroller and
the Timer1 module share the same clock
source.
2.
Sleep mode does not shut off the LP oscillator
operation (i.e., if the INTOSC oscillator runs the
microcontroller, and T1OSCEN = 1 (TMR1 is
running from the LP oscillator), then the LP
oscillator will continue to run during Sleep mode.
In all oscillator modes except for INTOSC with no
CLKOUT and LP, the T1OSC enable option is unavail-
able and is ignored.
6.7
Resetting Timer1 Using a CCP
Trigger Output
If the CCP1 or CCP2 module is configured in Compare
mode
to
generate
a
“special
event
trigger”
(CCP1M<3:0> = 1011), this signal will reset Timer1.
Timer1 must be configured for either Timer or Synchro-
nized Counter mode to take advantage of this feature.
If Timer1 is running in Asynchronous Counter mode,
this Reset operation may not work.
In the event that a write to Timer1 coincides with a
special event trigger from CCP1 or CCP2, the write will
take precedence.
In this mode of operation, the CCPRxH:CCPRxL register
pair effectively becomes the period register for Timer1.
Note:
The ANSEL (91h) and CMCON0 (9Ch)
registers must be initialized to configure an
analog channel as a digital input. Pins
configured as analog inputs will read ‘0’.
Note:
When INTOSC without CLKO oscillator is
selected and T1OSCEN = 1, the LP
oscillator will run continuously independent
of the TMR1ON bit.
Note:
The special event triggers from the CCP1
and CCP2 modules will not set interrupt
flag bit, TMR1IF (PIR1<0>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com