Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F916
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F916 Datasheet HTML 64Page - Microchip Technology PIC16F916 Datasheet HTML 65Page - Microchip Technology PIC16F916 Datasheet HTML 66Page - Microchip Technology PIC16F916 Datasheet HTML 67Page - Microchip Technology PIC16F916 Datasheet HTML 68Page - Microchip Technology PIC16F916 Datasheet HTML 69Page - Microchip Technology PIC16F916 Datasheet HTML 70Page - Microchip Technology PIC16F916 Datasheet HTML 71Page - Microchip Technology PIC16F916 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 66
Preliminary
© 2005 Microchip Technology Inc.
3.6.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTE pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the comparator or the A/D, refer to the
appropriate section in this data sheet.
3.6.1.1
RE0/AN5/SEG21
Figure 3-26 shows the diagram for this pin. The
RE0/AN5/SEG21pin is configurable to function as one
of the following:
• a general purpose I/O
• an analog input for the A/D
• an analog output for the LCD
3.6.1.2
RE1/AN6/SEG22
Figure 3-26 shows the diagram for this pin. The
RE1/AN6/SEG22 pin is configurable to function as one
of the following:
• a general purpose I/O
• an analog input for the A/D
• an analog output for the LCD
3.6.1.3
RE2/AN7/SEG23
Figure 3-26 shows the diagram for this pin. The
RE2/AN7/SEG23 pin is configurable to function as one
of the following:
• a general purpose I/O
• an analog input for the A/D
• an analog output for the LCD
3.6.1.4
RE3/MCLR/VPP
Figure 3-27 shows the diagram for this pin. The
RE3/MCLR/VPP pin is configurable to function as one
of the following:
• a digital input only
• as Master Clear Reset with weak pull-up
• a programming voltage reference input
FIGURE 3-26:
BLOCK DIAGRAM OF RE<2:0>
Data Bus
WR PORTE
WR TRISE
RD PORTE
SEG<23:21>
Schmitt
Trigger
RE<2:0> Pin
VDD
Data Latch
TRIS Latch
Q
D
Q
CK
Q
D
Q
CK
Analog Mode or
RD TRISE
AN<7:5>
SE<23:21> and LCDEN
SE<23:21> and LCDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com