| Electronic Components Datasheet Search |
|
PIC16F916 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F916 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 11 PIC16F917/916/914/913 RB2/SEG2 RB2 TTL CMOS General purpose I/O. Individually enabled pull-up. SEG2 — AN LCD analog output. RB3/SEG3 RB3 TTL CMOS General purpose I/O. Individually enabled pull-up. SEG3 — AN LCD analog output. RB4/COM0 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. COM0 — AN LCD analog output. RB5/COM1 RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. COM1 — AN LCD analog output. RB6/ICSPCLK/ICDCK/SEG14 RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. ICSPCLK ST — ICSP™ clock. ICDCK ST — ICD clock I/O. SEG14 — AN LCD analog output. RB7/ICSPDAT/ICDDAT/SEG13 RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP Data I/O. ICDDAT ST CMOS ICD Data I/O. SEG13 — AN LCD analog output. RC0/VLCD1 RC0 ST CMOS General purpose I/O. VLCD1 AN — LCD analog input. RC1/VLCD2 RC1 ST CMOS General purpose I/O. VLCD2 AN — LCD analog input. RC2/VLCD3 RC2 ST CMOS General purpose I/O. VLCD3 AN — LCD analog input. RC3/SEG6 RC3 ST CMOS General purpose I/O. SEG6 — AN LCD analog output. RC4/T1G/SDO/SEG11 RC4 ST CMOS General purpose I/O. T1G ST — Timer1 gate input. SDO — CMOS Serial data output. SEG11 — AN LCD analog output. RC5/T1CKI/CCP1/SEG10 RC5 ST CMOS General purpose I/O. T1CKI ST — Timer1 clock input. CCP1 ST CMOS Capture 1 input/Compare 1 output/PWM 1 output. SEG10 — AN LCD analog output. RC6/TX/CK/SCK/SCL/SEG9 RC6 ST CMOS General purpose I/O. TX — CMOS USART asynchronous serial transmit. CK ST CMOS USART synchronous serial clock. SCK ST CMOS SPI™ clock. SCL ST CMOS I2C™ clock. SEG9 — AN LCD analog output. TABLE 1-1: PIC16F91X PINOUT DESCRIPTIONS (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output D = Direct TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal Note 1: COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917. 2: Pins available on PIC16F914/917 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |