Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916 Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F916
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916 Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F916 Datasheet HTML 58Page - Microchip Technology PIC16F916 Datasheet HTML 59Page - Microchip Technology PIC16F916 Datasheet HTML 60Page - Microchip Technology PIC16F916 Datasheet HTML 61Page - Microchip Technology PIC16F916 Datasheet HTML 62Page - Microchip Technology PIC16F916 Datasheet HTML 63Page - Microchip Technology PIC16F916 Datasheet HTML 64Page - Microchip Technology PIC16F916 Datasheet HTML 65Page - Microchip Technology PIC16F916 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 60
Preliminary
© 2005 Microchip Technology Inc.
3.5
PORTD and TRISD Registers
PORTD is an 8-bit port with Schmitt Trigger input buffers.
Each pin is individually configured as an input or output.
PORTD is only available on the PIC16F914 and
PIC16F917.
EXAMPLE 3-4:
INITIALIZING PORTD
REGISTER 3-9:
PORTD – PORTD REGISTER (ADDRESS: 08h)
REGISTER 3-10:
TRISD – PORTD TRI-STATE REGISTER (ADDRESS: 88h)
Note:
Analog lines that carry LCD signals
(i.e., SEGx, COMy, where x and y are seg-
ment and common identifiers) are shown
as direct connections to the device pins.
The signals are outputs from the LCD
module and may be tri-stated, depending
on the configuration of the LCD module.
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
CLRF
PORTD
;Init PORTD
BSF
STATUS,RP0 ;Bank 1
BCF
STATUS,RP1 ;
MOVLW
FFh
;Set RD<7:0> as inputs
MOVWF
TRISD
;
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
bit 7
bit 0
bit 7-0
RD<7:0>: PORTD I/O Pin bits
1
= Port pin is >VIH
0
= Port pin is <VIL
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
bit 7
bit 0
bit 7-0
TRISD<7:0>: PORTD Tri-State Control bits
1
= PORTD pin configured as an input (tri-stated)
0
= PORTD pin configured as an output
Note:
TRISD<7:6> always reads ‘1’ in XT, HS and LP OSC modes.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com