Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 238 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 238 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 234Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 235Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 236Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 237Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 238Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 239Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 240Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 241Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 236
Preliminary
© 2005 Microchip Technology Inc.
TABLE 19-8:
CAPTURE/COMPARE/PWM REQUIREMENTS
TABLE 19-9:
COMPARATOR SPECIFICATIONS
TABLE 19-10: COMPARATOR VOLTAGE REFERENCE SPECIFICATIONS
Param.
No.
Sym. Characteristic
Min.
Typ† Max. Units Conditions
50*
TCCLCCP1
input low time
No Prescaler
0.5TCY + 5
—
—
ns
With Prescaler
3.0-5.5V
10
—
—
ns
2.0-5.5V
20
—
—
ns
51*
TCCH CCP1
input high time
No Prescaler
0.5TCY + 5
—
—
ns
With Prescaler
3.0-5.5V
10
—
—
ns
2.0-5.5V
20
—
—
ns
52*
TCCP CCP1 input period
3TCY + 40
N
—
—
ns
N = prescale
value (1,4 or 16)
53*
TCCR CCP1 output fall time
3.0-5.5V
—
10
25
ns
2.0-5.5V
—
25
50
ns
54*
TCCF CCP1 output fall time
3.0-5.5V
—
10
25
ns
2.0-5.5V
—
25
45
ns
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
Comparator Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
VOS
Input Offset Voltage
—
±5.0
±10
mV
VCM
Input Common Mode Voltage
0
—
VDD – 1.5
V
CMRR
Common Mode Rejection Ratio
+55*
—
—
db
TRT
Response Time(1)
—
150
400*
ns
TMC2COV
Comparator Mode Change to
Output Valid
——
10*
μs
*
These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2 while the other input transitions from
VSS to VDD – 1.5V.
Voltage Reference Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
Resolution
—
—
VDD/24*
VDD/32
—
—
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Absolute Accuracy
—
—
—
—
±1/4*
±1/2*
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Unit Resistor Value (R)
—
2K*
—
Ω
Settling Time(1)
——
10*
μs
*
These parameters are characterized but not tested.
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from ‘0000’ to ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com