Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 237 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 237 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 233Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 234Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 235Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 236Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 237Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 238Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 239Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 240Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 235
PIC16F917/916/914/913
TABLE 19-6:
USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 19-9:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 19-7:
USART SYNCHRONOUS RECEIVE REQUIREMENTS
FIGURE 19-10:
CAPTURE/COMPARE/PWM TIMINGS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
120
TCKH2DT
V
SYNC XMIT (Master and Slave)
Clock high to data-out valid
3.0-5.5V
—
80
ns
2.0-5.5V
—
100
ns
121
TCKRF
Clock out rise time and fall time
(Master mode)
3.0-5.5V
—
45
ns
2.0-5.5V
—
50
ns
122
TDTRF
Data-out rise time and fall time
3.0-5.5V
—
45
ns
2.0-5.5V
—
50
ns
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
125
TDTV2CKL SYNC RCV (Master and Slave)
Data-hold before CK
↓ (DT hold time)
10
—
ns
126
TCKL2DTL
Data-hold after CK
↓ (DT hold time)
15
—
ns
Note: Refer to Figure 19-2 for load conditions.
125
126
RC6/TX/CK
SCK/SCL/SEG9
RC7/RX/DT/
SDI/SDA/SEG8
Note: Refer to Figure 19-2 for load conditions.
(Capture mode)
50
51
52
53
54
CCP1/CCP2
(Compare mode)
CCP1/CCP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com