Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 236 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 236 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 232Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 233Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 234Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 235Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 236Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 237Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 238Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 239Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 234
Preliminary
© 2005 Microchip Technology Inc.
TABLE 19-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
FIGURE 19-8:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
40*
TT0H
T0CKI High Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
41*
TT0L
T0CKI Low Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
42*
TT0P
T0CKI Period
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale
value (2, 4, ...,
256)
45*
TT1H
T1CKI High
Time
Synchronous, No Prescaler
0.5 TCY + 20
—
—
ns
Synchronous,
with Prescaler
3.0-5.5V
15
—
—
ns
2.0-5.5V
25
—
—
ns
Asynchronous
3.0-5.5V
30
—
—
ns
2.0-5.5V
50
—
—
ns
46*
TT1L
T1CKI Low
Time
Synchronous, No Prescaler
0.5 TCY + 20
—
—
ns
Synchronous,
with Prescaler
3.0-5.5V
15
—
—
ns
2.0-5.5V
25
—
—
ns
Asynchronous
3.0-5.5V
30
—
—
ns
2.0-5.5V
50
—
—
ns
47*
TT1P
T1CKI Input
Period
Synchronous
3.0-5.5V
Greater of:
30 or TCY + 40
N
—
—
ns
N = prescale
value (1, 2, 4, 8)
2.0-5.5V
50 or TCY + 40
N
——
ns
Asynchronous
3.0-5.5V
60
—
—
ns
2.0-5.5V
100
—
—
ns
FT1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit T1OSCEN)
DC
—
37*
kHz
48
TCKEZTMR1 Delay from external clock edge to timer
increment
2 TOSC*—
7 TOSC*—
*
These parameters are characterized but not tested.
†
Data in ‘Typ’ column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note:
Refer to Figure 19-2 for load conditions.
121
121
120
122
RC6/TX/CK
RC7/RX/DT/
SCK/SCL/SEG9
SDI/SDA/SEG8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com