Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 229Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 230Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 231Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 232Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 233Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 234Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 235Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 236Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 231
PIC16F917/916/914/913
FIGURE 19-4:
CLKO AND I/O TIMING
TABLE 19-3:
CLKO AND I/O TIMING REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units Conditions
10*
TOSH2CKLOSC1
↑ to CLOUT↓
—
75
200
ns
(Note 1)
11*
TOSH2CKHOSC1
↑ to CLOUT↑
—
75
200
ns
(Note 1)
12*
TCKR
CLKO Rise Time
—
35
100
ns
(Note 1)
13*
TCKF
CLKO Fall Time
—
35
100
ns
(Note 1)
14*
TCKL2IOVCLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15*
TIOV2CKH Port In Valid before CLKO
↑
TOSC + 200 ns
—
—
ns
(Note 1)
16*
TCKH2IOI
Port In Hold after CLKO
↑
0
—
—
ns
(Note 1)
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150*
ns
——
300
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to Port
Input Invalid (I/O in hold time)
3.0-5.5V
100
—
—
ns
2.0-5.5V
200
—
—
ns
19*
TIOV2OSH Port Input Valid to OSC1
↑
(I/O in setup time)
0—
—
ns
20*
TIOR
Port Output Rise Time
3.0-5.5V
—
10
40
ns
2.0-5.5V
—
—
145
21*
TIOF
Port Output Fall Time
3.0-5.5V
—
10
40
ns
2.0-5.5V
—
—
145
22*
TINP
INT Pin High or Low Time
25
—
—
ns
23*
TRBP
PORTA change INT High or Low Time
TCY
——
ns
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated.
Note 1:
Measurements are taken in RC mode where CLKO output is 4 x TOSC.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com