Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 259 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 259 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 255Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 256Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 257Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 258Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 259Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 260Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 261Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 262Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 257
PIC16F917/916/914/913
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
Revision B
Updated Peripheral Features.
Page 2, Table: Corrected I/O numbers.
Figure 8-3: Revised Comparator I/O operating modes.
Register 9-1, Table: Corrected max. number of pixels.
Revision C
Correction to Pin Description Table.
Correction to IPD base and T1OSC.
Revision D
Revised references 31.25 kHz to 31 kHz.
Revised Standby Current to 100 nA.
Revised 9.1: internal RC oscillator to internal LF
oscillator.
Revision E
Removed “Advance Information” from Section 19.0
Electrical Specifications. Removed 28-Lead Plastic
Quad Flat No Lead Package (ML) (QFN-S) package.
APPENDIX B:
MIGRATING FROM
OTHER PICmicro®
DEVICES
This discusses some of the issues in migrating from
other PICmicro devices to the PIC16F917/916/914/913
family of devices.
B.1
PIC16F676 to PIC16F917/916/914/
913
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F917/
916/914/913
Max Operating Speed
20 MHz
20 MHz
Max Program Memory
(Words)
1K
8K
Max SRAM (Bytes)
64
352
A/D Resolution
10-bit
10-bit
Data EEPROM (bytes)
128
256
Timers (8/16-bit)
1/1
2/1
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RB0/1/2/4/5
RB<7:0>
Interrupt-on-change
RB0/1/2/3
/4/5
RB<7:4>
Comparator
1
2
USART
N
Y
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC Frequencies
4 MHz
32 kHz -
8MHz
Clock Switching
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com