Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 260 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 260 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 256Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 257Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 258Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 259Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 260Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 261Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 262Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 263Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 258
Preliminary
© 2005 Microchip Technology Inc.
APPENDIX C:
CONVERSION
CONSIDERATIONS
Considerations for converting from previous versions
of devices to the ones listed in this data sheet are listed
in Table C-1.
TABLE C-1:
CONVERSION CONSIDERATIONS
Characteristic
PIC16F917/916/914/913
PIC16F87X
PIC16F87XA
Pins
28/40
28/40
28/40
Timers
3
3
3
Interrupts
11 or 12
13 or 14
14 or 15
Communication
USART, SSP
(SPI™, I2C™ Slave)
PSP, USART, SSP
(SPI, I2C Master/Slave)
PSP, USART, SSP
(SPI, I2C Master/Slave)
Frequency
20 MHz
20 MHz
20 MHz
Voltage
2.0V-5.5V
2.2V-5.5V
2.0V-5.5V
A/D
10-bit,
7 conversion clock selects
10-bit,
4 conversion clock selects
10-bit,
7 conversion clock selects
CCP
2
2
2
Comparator
2
—
2
Comparator Voltage
Reference
Yes
—
Yes
Program Memory
4K, 8K EPROM
4K, 8K Flash
(Erase/Write on
single-word)
4K, 8K Flash
(Erase/Write on
four-word blocks)
RAM
256, 352 bytes
192, 368 bytes
192, 368 bytes
EEPROM Data
256 bytes
128, 256 bytes
128, 256 bytes
Code Protection
On/Off
Segmented, starting at end
of program memory
On/Off
Program Memory
Write Protection
—
On/Off
Segmented, starting at
beginning of
program memory
LCD Module
16, 24 segment drivers,
4 commons
——
Other
In-Circuit Debugger,
Low-Voltage Programming
In-Circuit Debugger,
Low-Voltage Programming
In-Circuit Debugger,
Low-Voltage Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com