Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 266 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 266 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 262Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 263Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 264Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 265Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 266Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 267Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 268Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 269Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 264
Preliminary
© 2005 Microchip Technology Inc.
Brown-out Reset Situations ...................................... 189
Capture/Compare/PWM............................................ 235
CLKO and I/O ........................................................... 231
Clock Synchronization .............................................. 176
Comparator Output ..................................................... 94
External Clock ........................................................... 229
Fail-Safe Clock Monitor (FSCM) ................................. 80
I2C Bus Data ............................................................. 241
I2C Bus Start/Stop Bits.............................................. 240
I2C Reception (7-bit Address) ................................... 171
I2C Slave Mode (Transmission, 10-bit Address) ....... 174
I2C Slave Mode with SEN = 0 (Reception,
10-bit Address).................................................. 172
I2C Transmission (7-bit Address) .............................. 173
INT Pin Interrupt........................................................ 197
LCD Interrupt Timing in Quarter-Duty Cycle Drive.... 121
LCD Sleep Entry/Exit when SLPEN = 1 or CS = 00 . 123
Reset, WDT, OST and Power-up Timer ................... 232
Slave Synchronization .............................................. 166
SPI Master Mode (CKE = 1, SMP = 1) ..................... 238
SPI Mode (Master Mode) .......................................... 165
SPI Mode (Slave Mode with CKE = 0) ...................... 167
SPI Mode (Slave Mode with CKE = 1) ...................... 167
SPI Slave Mode (CKE = 0) ....................................... 239
SPI Slave Mode (CKE = 1) ....................................... 239
Synchronous Reception (Master Mode, SREN) ....... 141
Synchronous Transmission....................................... 139
Synchronous Transmission (Through TXEN) ........... 139
Time-out Sequence
Case 1............................................................... 191
Case 2............................................................... 191
Case 3............................................................... 191
Timer0 and Timer1 External Clock ........................... 233
Timer1 Incrementing Edge.......................................... 86
Two Speed Start-up .................................................... 79
Type-A in 1/2 Mux, 1/2 Bias Drive ............................ 111
Type-A in 1/2 Mux, 1/3 Bias Drive ............................ 113
Type-A in 1/3 Mux, 1/2 Bias Drive ............................ 115
Type-A in 1/3 Mux, 1/3 Bias Drive ............................ 117
Type-A in 1/4 Mux, 1/3 Bias Drive ............................ 119
Type-A/Type-B in Static Drive................................... 110
Type-B in 1/2 Mux, 1/2 Bias Drive ............................ 112
Type-B in 1/2 Mux, 1/3 Bias Drive ............................ 114
Type-B in 1/3 Mux, 1/2 Bias Drive ............................ 116
Type-B in 1/3 Mux, 1/3 Bias Drive ............................ 118
Type-B in 1/4 Mux, 1/3 Bias Drive ............................ 120
USART Synchronous Receive (Master/Slave) ......... 235
USART Synchronous Transmission (Master/Slave) . 234
Wake-up from Interrupt ............................................. 202
Timing Parameter Symbology........................................... 228
Timing Requirements
I2C Bus Data ............................................................. 242
I2C Bus Start/Stop Bits ............................................. 241
SPI Mode .................................................................. 240
TMR1H Register ................................................................. 85
TMR1L Register .................................................................. 85
TRISA
Registers ..................................................................... 31
TRISA Register ................................................................... 32
TRISB
Registers ..................................................................... 41
TRISB Register ................................................................... 42
TRISC
Registers ..................................................................... 51
TRISC Register ................................................................... 51
TRISD
Registers .................................................................... 60
TRISD Register................................................................... 60
TRISE
Registers .................................................................... 65
TRISE Register................................................................... 65
Two-Speed Clock Start-up Mode........................................ 78
TXSTA Register
BRGH Bit .................................................................. 127
CSRC Bit .................................................................. 127
SYNC Bit .................................................................. 127
TRMT Bit................................................................... 127
TX9 Bit ...................................................................... 127
TX9D Bit ................................................................... 127
TXEN Bit ................................................................... 127
U
UA..................................................................................... 160
Update Address bit, UA .................................................... 160
USART.............................................................................. 127
Address Detect Enable (ADDEN Bit)........................ 128
Asynchronous Mode ................................................. 131
Asynchronous Receive (9-bit Mode)......................... 136
Asynchronous Receive with Address Detect.
See Asynchronous Receive (9-bit Mode).
Asynchronous Receiver............................................ 134
Asynchronous Reception.......................................... 134
Asynchronous Transmitter........................................ 131
Baud Rate Generator (BRG) .................................... 129
Baud Rate Formula .......................................... 129
Baud Rates, Asynchronous Mode (BRGH = 0) 130
Baud Rates, Asynchronous Mode (BRGH = 1) 130
High Baud Rate Select (BRGH Bit) .................. 127
Sampling........................................................... 129
Clock Source Select (CSRC Bit)............................... 127
Continuous Receive Enable (CREN Bit)................... 128
Framing Error (FERR Bit) ......................................... 128
Mode Select (SYNC Bit) ........................................... 127
Overrun Error (OERR Bit)......................................... 128
Receive Data, 9th Bit (RX9D Bit).............................. 128
Receive Enable, 9-bit (RX9 Bit) ................................ 128
Serial Port Enable (SPEN Bit) .......................... 127, 128
Single Receive Enable (SREN Bit) ........................... 128
Synchronous Master Mode....................................... 138
Requirements, Synchronous Receive .............. 235
Requirements, Synchronous Transmission ...... 235
Timing Diagram, Synchronous Receive ........... 235
Timing Diagram, Synchronous Transmission ... 234
Synchronous Master Reception................................ 140
Synchronous Master Transmission .......................... 138
Synchronous Slave Mode......................................... 141
Synchronous Slave Reception.................................. 142
Synchronous Slave Transmit.................................... 141
Transmit Data, 9th Bit (TX9D) .................................. 127
Transmit Enable (TXEN Bit) ..................................... 127
Transmit Enable, Nine-bit (TX9 Bit) .......................... 127
Transmit Shift Register Status (TRMT Bit) ............... 127
V
Voltage Reference. See Comparator Voltage Reference
(CVREF)
VRCON Register .............................................................. 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com